Part Number Hot Search : 
2DR2G 1N5804E3 72063 DEJF3E SMWXXXX L2MXE3 00DT1 20005
Product Description
Full Text Search
 

To Download SS310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss32 thru ss3200 surface mount schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 3.0 amperes maximum ratings and electrical characteristics note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.p.c.b. mounted with 0.2x0.2 ? (5.0x5.0mm) copper pad areas ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 3.0 100.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 3.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 r q ja c j t j , t stg 55.0 300 pf c ma typical thermal resistance (note 2) c/w storage temperature range c -50 to +150 -50 to +125 -50 to +150 20 10 0.55 0.85 ss32 ss33 ss35 ss34 ss36 SS310 ss38 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 500 dimensions in inches and (millimeters) the plastic package carries underwriters laboratory flammability classification 94v-0 for surface mounted applications low reverse leakage built-in strain relief,ideal for automated placement high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds at terminals features 150 105 150 ss3150 ss3200 200 150 200 0.2 2.0 0.95 mdd electronic mdd catalog number mechanical data case : jedec do-214aa molded plastic body terminals : leads solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.003 ounce, 0.093 grams do-214aa/smb 0.071 (1.80) 0.087 (2.20) 0.180(4.57) 0.160(4.06) 0.155(3.94) 0.130(3.30) 0.060(1.52) 0.030(0.76) 0.220(5.59) 0.205(5.21) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. 0.096(2.44) 0.084(2.13)
3.0 2.4 1.8 1.2 0.6 0 0 25 50 75 100 125 150 175 100 80 60 40 20 0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes junction capacitance, pf peak forward surge current, amperes 1 10 100 8.3ms single half sine-wave (jedec method) 10 100 1000 2000 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=75 c tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes transient thermal impedance, c/w ambient temperature, c ss32-ss36 ss38-ss3200 single phase half wave 60hz resistive or inductive load fig. 3-typical instantaneous forward characteristics instantaneous forward current,amperes instantaneous forward voleage, volts t j =25 c ss32-ss34 ss35-ss3200 50 10.0 1 0.1 0.01 ss32-ss34 ss35-ss36 ss38-ss3150 t j =25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 ss3200 mdd electronic ratings and characteristic curves ss32 thru ss3200


▲Up To Search▲   

 
Price & Availability of SS310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X